PART |
Description |
Maker |
SF0070CF51541T |
70 MHz Filter 250 kHz Bandwidth High Selectivity SAW Filters
|
Integrated Circuit Systems ICS
|
MCP619-I/P MCP619-I/SL MCP619-I/ST MCP617-I/MS MCP |
The MCP619 quad operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 ... The MCP617 dual operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 ... The MCP618 operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 µA ... The MCP616 operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 µA ...
|
Microchip
|
AD203SN |
Circular Connector; No. of Contacts:8; Series:LJTPQ00R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle Rugged/ Military Temperature Range/ 10 kHz Bandwidth Isolation Amplifier Rugged, Military Temperature Range, 10 kHz Bandwidth Isolation Amplifier
|
Analog Devices, Inc. AD[Analog Devices]
|
TSH11I TSH11 TSH11ID |
120MHz BANDWIDTH MOS INPUT SINGLE OPERATIONAL AMPLIFIER 120MHz的带宽马鞍山输入单运算放大器 120 MHZ BANDWIDTH MOS INPUT SINGLE OP-AMPS
|
STMicroelectronics N.V. ST Microelectronics
|
813-IF120.1M-19B |
120.1MHz IF SAW Filter 19.77MHz Bandwidth
|
Oscilent Corporation
|
CS5396 |
120 dB, 96 kHz A/D Converters
|
Cirrus Logic
|
ESD5Z2.5 ESD5Z3.3 ESD5Z5.0 ESD5Z7.0 ESD5Z6.0 |
Transient Voltag e Suppressors for ESD Protection 200 WATTS 2.5-7.0 VOLTS
|
Weitron Technology
|
SF37G SF38G |
SUPE RFAST RECOVERY RECTIFIERS VOLTAG E - 50 to 8 00 Volts CURRENT - 3.0 Amperes
|
Yea Shin Technology Co., Ltd Yea Shin Technology Co....
|
CS5397-KS CS5396-KS CS5397 CDB5396 5396 |
From old datasheet system 120 dB, 96 kHZ Audio A/D Converter
|
CIRRUS[Cirrus Logic]
|
MC33466H-33JT1 MC33466H-30LT1 MC33466H-50JT1 MC334 |
FIXED FREQUENCY PWM MICROPOWER DC-to-DC CONVERTER SWITCHING CONTROLLER, 120 kHz SWITCHING FREQ-MAX, PSSO3 CAP 1000PF 2000V 5% NP0(C0G) SMD-1825 TR-7 PLATED-NI/SN SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PSSO3
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
CS-5111DWR24 |
1.4 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PDSO24
|
|